| Moteur de recherche de fiches techniques de composants électroniques |
|
BPC-6671 Fiches technique(PDF) 21 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BPC-6671 Fiches technique(HTML) 21 Page - BOSER Technology Co., Ltd |
|
21 / 22 page ![]() 15 About It shows information about PenMount controller and this driver. 4.2.2 PenMount Monitor The PenMount monitor icon is shown in the menu bar of WIN2000 system when turn on PenMount monitor from PenMount Utilities. There are several functions on PenMount monitor: Right Click Button When select this function, there is a mouse icon shown in the right-button place of screen. It shows Left Button being as default for normal use, touch this mouse icon to change the next touch to be Right Button function. After one touch, the mouse icon will change to Left Button automatically. If user needs to use right button again, user has to touch the mouse icon again for changing the button function. Beep Turn on or off beep sound. Exit Close the PenMount Monitor function. |