| Moteur de recherche de fiches techniques de composants électroniques |
|
CE01 Fiches technique(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
CE01 Fiches technique(HTML) 2 Page - DDK Ltd. |
|
2 / 10 page ![]() Unit:mm http://www.ddknet.co.jp CE01 Series 2 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ Insert Arrangement List Number of Contact 4 578 Insert Arrangement Insert Number 22-22 18-11 20-15 24-10 22-23 Contact Size #8 #12 #12 #8 #12 Service Rating AAAA D(4), A(Others) Number of Contact 10 17 19 24 Insert Arrangement Insert Number 18-1 20-29 18-19A 22-14 24-28 Contact Size #16 #16 #20 #16 #16 Service Rating A(3,5,6,8,) / INST(Others) A INST A INST Number of Contact 30 37 52 73 Insert Arrangement Insert Number 20-30A 28-21 24-52A 28-73A Contact Size #20 #16 #20 #20 Service Rating INST A INST INST Front View of Pin Insert or Rear View of Socket Insert 1 2 34 5 67 8 9 1 23 4 1 4 8 13 17 5 2 9 14 18 6 3 10 15 7 11 16 12 1 2 5 4 3 6 1 2 4 5 8 7 9 13 11 16 17 15 3 6 10 12 14 1 6 12 19 25 20 13 7 2 26 27 3 8 14 21 22 15 9 4 28 29 5 10 16 23 24 17 11 18 17 3 45 6 7 12 11 10 9 8 13 14 15 16 18 2 1 1 2 3 1 2 5 4 3 6 7 1 2 3 4 5 6 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 16 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 2 1 34 56 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 1 234 567 8 10 11 12 13 16 17 18 19 23 24 25 26 29 30 31 32 34 35 36 9 14 15 22 21 20 27 28 33 1 23 4 5 69 70 71 72 67 89 10 11 12 13 61 62 63 64 65 66 67 68 14 15 16 17 18 19 20 21 22 33 34 35 36 37 38 39 40 41 52 53 54 55 56 57 58 59 60 23 24 25 26 27 28 29 30 31 32 42 43 44 45 46 47 48 49 50 51 Note: Normal key position illustrated. Number of Contact Insert No W X Y Z 4 22-22 ̶ 160 ̶ 300 5 18-11 ̶ 170 265 ̶ 7 20-15 80 ̶ ̶ 280 24-10 80 ̶ ̶ 280 8 22-23 85 ̶ ̶ ̶ 10 18-1 70 145 260 290 17 20-29 80 ̶ ̶ 280 19 18-19A 80 110 250 280 22-14 75 150 ̶ 285 24 24-28 80 110 250 280 30 20-30 80 110 250 280 37 28-21 80 110 250 280 52 24-52A 80 110 250 280 73 28-73A 80 110 250 280 ○ Alternate Insert Positions To avoid cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement, alternate insert positions are available as indicated in the chart. Front View of Pin Insert Front View of Socket Insert WW C L C L ZZ XX YY |