Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EX830 Fiches technique(PDF) 2 Page - Extech Instruments Corporation.

No de pièce EX830
Description  1000 Amp Clamp Meters with IR Thermometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTECH [Extech Instruments Corporation.]
Site Internet  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX830 Fiches technique(HTML) 2 Page - Extech Instruments Corporation.

  EX830 Datasheet HTML 1Page - Extech Instruments Corporation. EX830 Datasheet HTML 2Page - Extech Instruments Corporation. EX830 Datasheet HTML 3Page - Extech Instruments Corporation. EX830 Datasheet HTML 4Page - Extech Instruments Corporation. EX830 Datasheet HTML 5Page - Extech Instruments Corporation. EX830 Datasheet HTML 6Page - Extech Instruments Corporation. EX830 Datasheet HTML 7Page - Extech Instruments Corporation. EX830 Datasheet HTML 8Page - Extech Instruments Corporation. EX830 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EX800 Series Version 3.2 8/07
2
Introduction
Congratulations on your purchase of the EX800 Series Clamp device. The series consists
of the following models:
EX810
1000A AC Current Clamp meter
EX820
1000A True RMS AC Current Clamp
EX830
1000A True RMS AC/DC Current Clamp
All models measure:
Infrared Temperature
AC/DC Voltage
Resistance
Capacitance
Frequency
Continuity
Diode
Model specific functions:
EX830:
DC Current, True RMS, Type K thermometer, DC Zero
EX820:
True RMS, Type K thermometer
EX810:
Average responding
The EX800 Series features:
Auto Power OFF
Max/Min recording
Data Hold
Peak Hold
Backlit LCD display
Careful use of this meter will provide many years of reliable service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13