Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

905D-R182-001 Fiches technique(PDF) 2 Page - DDK Ltd.

No de pièce 905D-R182-001
Description  SMA Type Single-Conductor Optical Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

905D-R182-001 Fiches technique(HTML) 2 Page - DDK Ltd.

  905D-R182-001 Datasheet HTML 1Page - DDK Ltd. 905D-R182-001 Datasheet HTML 2Page - DDK Ltd. 905D-R182-001 Datasheet HTML 3Page - DDK Ltd. 905D-R182-001 Datasheet HTML 4Page - DDK Ltd. 905D-R182-001 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
●
 ●
905D Series
Unit : mm
905D-119-20□□-01-CF
SMA type optical connector designed for bundle and large-diameter fibers.
Other models for bundle fiber, etc., are also available.
905D-120-5000-CF
This adapter can be used commonly to the 905D and 906D Series plugs.
■Plug
■Adapter
1/4-36UNS
8.0
24.9
Dimension after polishing: 9.81 or less
Distance between opposite sides of a hexagon
Models for single-conductor plastic fibers
Connector parts
Diameter of
ferrule hole
Applicable fiber
diameter
Applicable outer
diameter of sheath
905D-119-2001-01-CF
1.05
1.0mm
    2.2mm
905D-119-2008-CF
0.8
0.75mm
    2.2mm
905D-119-2050-01-CF
0.55
0.5mm
    1.0mm
+0.03
-0
± 0.01
± 0.01
± 0.1
± 0.1
13.6
(3.9)
6.0
19.625 +0.02
0
1/4-36UNS
9.6
23.5
φ7.1
7.1
(in the case of
Distance between opposite sides of a hexagon
Reference dimensions of mounting holes
Panel thickness: 3.0 mm or less
fixing by turning)
2
C
905D



Html Pages

1 2 3 4 5