Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHT10 Fiches technique(PDF) 4 Page - Extech Instruments Corporation.

No de pièce RHT10
Description  Registrador de Humedad / Temperatura
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTECH [Extech Instruments Corporation.]
Site Internet  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RHT10 Fiches technique(HTML) 4 Page - Extech Instruments Corporation.

  RHT10 Datasheet HTML 1Page - Extech Instruments Corporation. RHT10 Datasheet HTML 2Page - Extech Instruments Corporation. RHT10 Datasheet HTML 3Page - Extech Instruments Corporation. RHT10 Datasheet HTML 4Page - Extech Instruments Corporation. RHT10 Datasheet HTML 5Page - Extech Instruments Corporation. RHT10 Datasheet HTML 6Page - Extech Instruments Corporation. RHT10 Datasheet HTML 7Page - Extech Instruments Corporation. RHT10 Datasheet HTML 8Page - Extech Instruments Corporation. RHT10 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
User Manual for Model RHT10 Version 1.3 March 2007
4
Operation
DATALOGGER SOFTWARE INSTALLATION
Install the supplied Windows PC Datalogger Software by placing the supplied program disk in the PC CD-ROM
drive. If the installation program does not automatically open and provide on-screen prompts, double click the
SETUP.EXE file included on the program disk. Follow the on-screen prompts to complete the installation. Before
running the Datalogger software please connect the Logger to the PC and install the USB Driver software as
described in the next section.
CONNECTING THE LOGGER TO THE PC and INSTALLING THE DRIVER SOFTWARE
Plug the Logger into an available USB port on the PC. If this is the 1
st time that the Logger is connected to the
particular port on the PC, the following screen will appear:
Select the ‘recommended’ installation (make sure the program disk is still in the PC CD-ROM drive) and follow the
on-screen prompts to complete the driver installation. If this is a repeat connect of the Logger to the USB port, the
driver installation process will be automatically skipped.
RUNNING THE DATALOGGER SOFTWARE
With the Logger connected to the PC, Double click the DATALOGGER icon to launch the program. The main
software screen will appear with the MENU BAR icons described below.
MENU BAR
From left to right the menu bar icons represent DATA DOWNLOAD, LOGGER SETUP, FILE OPEN, FILE
SAVE-AS, FILE PRINT, and ZOOM. In addition, the FILE, VIEW, LINK, and HELP pull-down menus are available
here. All will be discussed in the following paragraphs. Start by setting up the Logger as explained in the following
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11