| Moteur de recherche de fiches techniques de composants électroniques |
|
SW276 Fiches technique(PDF) 16 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
SW276 Fiches technique(HTML) 16 Page - Extech Instruments Corporation. |
|
16 / 22 page ![]() V7.1 1/08 16 Click to select the file that will be used for comparison, click the color icon box to select the desired color. Each file is represented by a capital letter (A through H) with the file name following the letter. When comparing data files: Diagram M shows the main screen before a file is retrieved. Diagram N shows the main screen with an example file loaded. The offset and range settings can be changed by moving the indicator on the yellow rotating knob (refer to Diagram O). Temperature Chart The Temperature Chart displays the data after all readings are completely downloaded. Cursor Status The Cursor Status indicates the exact positions of Cursor 1 and 2. Diagram N |