Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7C68053 Fiches technique(PDF) 20 Page - Cypress Semiconductor

No de pièce CY7C68053
Description  MoBL-USB FX2LP18 USB Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68053 Fiches technique(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C68053_09 Datasheet HTML 16Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 17Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 18Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 19Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 20Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 21Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 22Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 23Page - Cypress Semiconductor CY7C68053_09 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CY7C68053
Document # 001-06120 Rev *I
Page 20 of 40
Reserved
E6D2
1
EP2GPIFFLGSEL[10] Endpoint 2 GPIF flag
select
0
0
0
0
0
0
FS1
FS0
00000000 RW
E6D3
1
EP2GPIFPFSTOP
Endpoint 2 GPIF stop trans-
action on program flag
0
0
0
0
0
0
0
FIFO2FLAG 00000000 RW
E6D4
1
EP2GPIFTRIG[10]
Endpoint 2 GPIF trigger
x
x
x
x
x
x
x
x
xxxxxxxx W
3
Reserved
Reserved
Reserved
E6DA
1
EP4GPIFFLGSEL[10] Endpoint 4 GPIF flag
select
0
0
0
0
0
0
FS1
FS0
00000000 RW
E6DB
1
EP4GPIFPFSTOP
Endpoint 4 GPIF stop trans-
action on GPIF flag
0
0
0
0
0
0
0
FIFO4FLAG 00000000 RW
E6DC
1
EP4GPIFTRIG[10]
Endpoint 4 GPIF trigger
x
x
x
x
x
x
x
x
xxxxxxxx W
3
Reserved
Reserved
Reserved
E6E2
1
EP6GPIFFLGSEL[10] Endpoint 6 GPIF flag
select
0
0
0
0
0
0
FS1
FS0
00000000 RW
E6E3
1
EP6GPIFPFSTOP
Endpoint 6 GPIF stop trans-
action on program flag
0
0
0
0
0
0
0
FIFO6FLAG 00000000 RW
E6E4
1
EP6GPIFTRIG[10]
Endpoint 6 GPIF trigger
x
x
x
x
x
x
x
x
xxxxxxxx W
3
Reserved
Reserved
Reserved
E6EA
1
EP8GPIFFLGSEL[10] Endpoint 8 GPIF flag
select
0
0
0
0
0
0
FS1
FS0
00000000 RW
E6EB
1
EP8GPIFPFSTOP
Endpoint 8 GPIF stop trans-
action on program flag
0
0
0
0
0
0
0
FIFO8FLAG 00000000 RW
E6EC
1
EP8GPIFTRIG[10]
Endpoint 8 GPIF trigger
x
x
x
x
x
x
x
x
xxxxxxxx W
3
Reserved
E6F0
1
XGPIFSGLDATH
GPIF Data H
(16-bit mode only)
D15
D14
D13
D12
D11
D10
D9
D8
xxxxxxxx RW
E6F1
1
XGPIFSGLDATLX
Read/Write GPIF Data L and
trigger transaction
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
E6F2
1
XGPIFSGLDATL-
NOX
Read GPIF Data L, no trans-
action trigger
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx R
E6F3
1
GPIFREADYCFG
Internal RDY, sync/async,
RDY pin states
INTRDY
SAS
TCXRDY5
0
0
0
0
0
00000000 bbbrrrrr
E6F4
1
GPIFREADYSTAT
GPIF ready status
0
0
0
0
0
0
RDY1
RDY0
00xxxxxx R
E6F5
1
GPIFABORT
Abort GPIF waveforms
x
x
x
x
x
x
x
x
xxxxxxxx W
E6F6
2
Reserved
ENDPOINT BUFFERS
E740
64 EP0BUF
EP0-IN/-OUT buffer
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
E780
64 EP10UTBUF
EP1-OUT buffer
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
E7C0
64 EP1INBUF
EP1-IN buffer
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
E800 2048 Reserved
RW
F000 1024 EP2FIFOBUF
512/1024-byte EP 2/Slave
FIFO buffer (IN or OUT)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
F400
512 EP4FIFOBUF
512 byte EP 4/Slave FIFO
buffer (IN or OUT)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
F600
512 Reserved
F800 1024 EP6FIFOBUF
512/1024-byte EP 6/Slave
FIFO buffer (IN or OUT)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
FC00 512 EP8FIFOBUF
512 byte EP 8/Slave FIFO
buffer (IN or OUT)
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx RW
FE00 512 Reserved
xxxx
I²C Configuration Byte
0
DISCON
0
0
0
0
0
400KHZ
xxxxxxxx
[12]
n/a
Table 8. FX2LP18 Register Summary (continued)
Hex
Size Name
Description
b7
b6
b5
b4
b3
b2
b1
b0
Default
Access
Note
12. If no EEPROM is detected by the SIE then the default is 00000000.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40