| Moteur de recherche de fiches techniques de composants électroniques |
|
CXM3524ER Fiches technique(PDF) 21 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXM3524ER Fiches technique(HTML) 21 Page - Sony Corporation |
|
21 / 29 page ![]() CXM3524ER - 21 - GSM Tx1 (VDD = 2.9V, Vctl = 0/2.9V, Pin = 35dBm) Item Freq [MHz] GSM Tx1 - Ant1 GSM Tx1 - Ext Unit Conditions Min. Typ. Max. Min. Typ. Max. Insertion loss * Non-mounted recommended circuit 824 to 915 — 0.60 — 0.70 dB Insertion loss * Mounted recommended circuit 824 to 915 — 0.67 — 0.92 dB VSWR 824 to 915 —1.5 —1.5 — GSM Tx1 Port — 1.5 — 1.5 — Ant1, Ext Port SW isolation 824 to 915 —— — 25 — dB When GSM Tx1 - Ant1 measurement 25 — 25 — dB When GSM Tx1 - Ant2 measurement 22 — — — — dB When GSM Tx1 - Ext measurement Isolation Tx ⇒ Rx 824 to 915 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ GSM850Rx 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ GSM900Rx 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ GSM1800Rx 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ GSM1900Rx 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ UMTS800M 30 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ UMTS1.5G 31 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ UMTS1.7G 29 — 31 — dB Tx1 when selecting Tx1 - Ant1 and Tx1-Ext ⇒ UMTS2G Isolation Tx ⇒ Ant 824 to 849 25 — — — dB Tx1 when selecting Ant1 - GSM850Rx ⇒ Ant1 Tx1 when selecting Ant1 - GSM850Rx ⇒ Ext —— 25 — dB 880 to 915 25 — — — dB Tx1 when selecting Ant1 - GSM900Rx ⇒ Ant1 Tx1 when selecting Ant1 - GSM900Rx ⇒ Ext —— 25 — dB |