Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRT512 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 6Page - STMicroelectronics SRT512 Datasheet HTML 7Page - STMicroelectronics SRT512 Datasheet HTML 8Page - STMicroelectronics SRT512 Datasheet HTML 9Page - STMicroelectronics SRT512 Datasheet HTML 10Page - STMicroelectronics SRT512 Datasheet HTML 11Page - STMicroelectronics SRT512 Datasheet HTML 12Page - STMicroelectronics SRT512 Datasheet HTML 13Page - STMicroelectronics SRT512 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Data transfer
SRT512
10/46
Doc ID 13277 Rev 4
3.1.2
Request start of frame
The SOF described in Figure 5 is composed of:
●
one falling edge,
●
followed by 10 ETUs at logic-0,
●
followed by a single rising edge,
●
followed by at least 2 ETUs (and at most 3) at logic-1.
Figure 5.
Request start of frame
3.1.3
Request end of frame
The EOF shown in Figure 6 is composed of:
●
one falling edge,
●
followed by 10 ETUs at logic-0,
●
followed by a single rising edge.
Figure 6.
Request end of frame
Table 2.
Bit description
Bit
Description
Value
b0
Start bit used to synchronize the transmission
b0 = 0
b1 to b8
Information byte (command, address or data)
The information byte is sent with
the least significant bit first
b9
Stop bit used to indicate the end of a character
b9 = 1
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11
ai07666
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
0000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46