Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6216CC01PR Fiches technique(PDF) 30 Page - Torex Semiconductor

No de pièce XC6216CC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR Fiches technique(HTML) 30 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 26Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 31Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 32Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 33Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 34Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30/43
XC6216/XE6216 Series
XC6216B/C/D 202
-6
-4
-2
0
2
4
6
Time(1ms/div)
0
1
2
3
4
5
6
VIN=4.0V, tr=5μs
IOUT=1mA, CL=1μF (ceramic),Ta=25℃
Output Voltage
Input Voltage
XC6216B/C/D 202
-6
-4
-2
0
2
4
6
Time (1ms/div)
0
1
2
3
4
5
6
VIN=4.0V, tr=5μs
IOUT=30mA, CL=1μF (ceramic),Ta=25℃
Output Voltage
Input Voltage
(7) Load Transient Response (Continued)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Rise Time
XC6216B/D 502
2
3
4
5
6
7
Time (1ms/div)
0
30
60
90
120
150
VIN=7.0V, tr=tf=5us
CIN=CL=1.0uF(ceramic), Ta=25℃
1m
30m
Output Voltage
Output Current
XC6216B/D C02
9
10
11
12
13
14
Time (1ms/div)
0
30
60
90
120
150
VIN=14.0V, tr=tf=5us
CIN=CL=1.0uF(ceramic), Ta=25℃
1m
30
Output Voltage
Output Current
XC6216B/D 332
-8
-6
-4
-2
0
2
4
6
8
Time(1ms/div)
0
1
2
3
4
5
6
7
8
VIN=5.3V, tr=5us
IOUT=1mA、CL=1uF(ceramic),Ta=25℃
Output Voltage
Input Voltage
XC6216B/D 332
-8
-6
-4
-2
0
2
4
6
8
Time(1ms/div)
0
1
2
3
4
5
6
7
8
VIN=5.3V, tr=5us
IOUT=30mA、CL=1uF(ceramic),Ta=25℃
Output Voltage
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com