Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8579T/1 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce PCF8579T/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button PCF8579T/1 Datasheet HTML 9Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 10Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 11Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 12Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 13Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 14Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 15Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 16Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
13 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
8.4 Timing generator
The timing generator of the PCF8579 organizes the internal data flow from the RAM to the
display drivers. An external synchronization pulse SYNC is received from the PCF8578.
This signal maintains the correct timing relationship between cascaded devices.
8.5 Column drivers
Outputs C0 to C39 are column drivers which must be connected to the LCD. Unused
outputs should be left open-circuit.
8.6 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial Data Line (SDA) and a Serial Clock Line (SCL) which must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only
when the bus is not busy.
8.6.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this
moment will be interpreted as control signals.
8.6.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line, while the clock is HIGH, is defined as the START condition (S).
A LOW-to-HIGH transition of the data line while the clock is HIGH, is defined as the STOP
condition (P).
8.6.3 System configuration
A device transmitting a message is a transmitter, a device receiving a message is the
receiver. The device that controls the message flow is the master and the devices which
are controlled by the master are the slaves.
8.6.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each data byte of eight bits is followed by one
acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter,
whereas the master generates an extra acknowledge related clock pulse. A slave receiver
which is addressed must generate an acknowledge after the reception of each byte. Also
a master must generate an acknowledge after the reception of each byte that has been
clocked out of the slave transmitter. The device that acknowledges must pull down the
SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during
the HIGH period of the acknowledge related clock pulse (set-up and hold times must be
taken into consideration). A master receiver must signal the end of a data transmission to
the transmitter by not generating an acknowledge on the last byte that has been clocked
out of the slave. In this event the transmitter must leave the data line HIGH to enable the
master to generate a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41