Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2917/01 Fiches technique(PDF) 37 Page - NXP Semiconductors

No de pièce LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Fiches technique(HTML) 37 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 33Page - NXP Semiconductors LPC2917/01 Datasheet HTML 34Page - NXP Semiconductors LPC2917/01 Datasheet HTML 35Page - NXP Semiconductors LPC2917/01 Datasheet HTML 36Page - NXP Semiconductors LPC2917/01 Datasheet HTML 37Page - NXP Semiconductors LPC2917/01 Datasheet HTML 38Page - NXP Semiconductors LPC2917/01 Datasheet HTML 39Page - NXP Semiconductors LPC2917/01 Datasheet HTML 40Page - NXP Semiconductors LPC2917/01 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
37 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
The PWMs can be used to generate waveforms in which the frequency, duty cycle and
rising and falling edges can be controlled very precisely. Capture inputs are provided to
measure event phases compared to the main counter. Depending on the applications,
these inputs can be connected to digital sensor motor outputs or digital external signals.
Interrupt signals are generated on several events to closely interact with the CPU.
The ADCs can be used for any application needing accurate digitized data from analog
sources. To support applications like motor control, a mechanism to synchronize several
PWMs and ADCs is available (sync_in and sync_out).
Note that the PWMs run on the PWM clock and the ADCs on the ADC clock, see
Section 6.15.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86