| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2921 Fiches technique(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Fiches technique(HTML) 72 Page - NXP Semiconductors |
|
72 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 72 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 10.3 SPI signal forms Fig 28. LPC2921/2923/2925 USB interface on a bus-powered device LPC29xx VDD(IO) R1 1.5 k Ω R2 002aae150 USB-B connector USB_D+ USB_D − USB_VBUS VSS(IO) RS = 33 Ω RS = 33 Ω USB_UP_LED Fig 29. SPI timing in master mode SCKn (CPOL = 0) SDOn SDIn 002aae693 MSB OUT LSB OUT DATA VALID SCKn (CPOL = 1) MSB IN LSB IN DATA VALID SDOn SDIn MSB OUT LSB OUT DATA VALID MSB IN LSB IN DATA VALID CPHA = 0 CPHA = 1 |