| Moteur de recherche de fiches techniques de composants électroniques |
|
TWL2203GGVR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TWL2203GGVR Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 16 page ![]() TWL2203 POWER SUPPLY MANAGEMENT IC SLVS185 – FEBRUARY 2000 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 battery charging control, TA = 0°C to 50°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Constant voltage VB Charge current = 50 mA, EN1 = CH = VOUT2, EN2 = EN3 = EN4 = ENOP_MUX = GND, VEXT = 5 – 6 V 4.15 4.20 4.25 V Voltage drop across sense resistor ICH+ – ICH– CH = VCC 85 100 115 mV Precharge current (VR6 threshold) TCOUT – VB, VB<Vtc 75 125 175 mV Vtc Precharge threshold 3.30 3.40 3.50 V Ipc Precharge capability VB = 3.5 V, TCIN = 4.15 V, R6 =2 Ω, Current limit control is disabled 50 mA over-voltage shutdown, TA = 0°C to 50°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Vchco Over-voltage cutoff point for VCH 4.7 5.4 6 V Vgco Over-voltage cutoff point for VEXT 6.5 7.5 8.5 V |