| Moteur de recherche de fiches techniques de composants électroniques |
|
TVP3703 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TVP3703 Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 21 page ![]() TVP3703 VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC SLAS100 – MARCH 1996 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA FN (S-PQCC-J**) PLASTIC J-LEADED CHIP CARRIER 4040005/B–10/94 20 PIN SHOWN MAX 0.180 (4,57) 0.020 (0,51) MIN 0.120 (3,05) 0.090 (2,29) D2 /E2 0.013 (0,33) 0.021 (0,53) MAX 0.219 (5,56) 0.169 (4,29) 0.319 (8,10) 0.469 (11,91) 0.569 (14,45) 0.369 (9,37) MAX 0.356 (9,04) 0.456 (11,58) 0.656 (16,66) 1.158 (29,41) 0.956 (24,28) 0.756 (19,20) 0.191 (4,85) 0.141 (3,58) MIN 0.441 (11,20) 0.541 (13,74) 0.291 (7,39) 0.341 (8,66) 18 19 14 13 D D1 1 3 9 E1 E 4 8 MIN MAX MIN 20 28 44 0.385 (9,78) 0.485 (12,32) 0.685 (17,40) 52 68 84 1.185 (30,10) 0.985 (25,02) 0.785 (19,94) 0.395 (10,03) 0.495 (12,57) 1.195 (30,35) 0.995 (25,27) 0.695 (17,65) 0.795 (20,19) 0.350 (8,89) 0.450 (11,43) 1.150 (29,21) 0.950 (24,13) 0.650 (16,51) 0.750 (19,05) 0.026 (0,66) 0.032 (0,81) 0.008 (0,20) NOM M 0.007 (0,18) 0.050 (1,27) Seating Plane 0.004 (0,10) D2 /E2 D2 /E2 D1 /E1 D/E NO. OF PINS** NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-018 |