Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB12C01APZ Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce TSB12C01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01APZ Fiches technique(HTML) 39 Page - Texas Instruments

Back Button TSB12C01APZ Datasheet HTML 35Page - Texas Instruments TSB12C01APZ Datasheet HTML 36Page - Texas Instruments TSB12C01APZ Datasheet HTML 37Page - Texas Instruments TSB12C01APZ Datasheet HTML 38Page - Texas Instruments TSB12C01APZ Datasheet HTML 39Page - Texas Instruments TSB12C01APZ Datasheet HTML 40Page - Texas Instruments TSB12C01APZ Datasheet HTML 41Page - Texas Instruments TSB12C01APZ Datasheet HTML 42Page - Texas Instruments TSB12C01APZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
4–9
4.8
Receive Self-ID
The format of the receive self-ID packet is shown in Figure 4–11. The first quadlet is the packet header with
the special tCode of Eh. The quadlets that follow are a concatenation of all received self-ID packets. The
last quadlet contains the final packet status. See IEEE 1394-1995 standard, paragraph 4.3.4.1, for
additional information about self-ID packets.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
tCode
priority
spd
ackSent
Self-ID Packet Data
Figure 4–11. Receive Self-ID Format
Table 4–11. Isochronous-Receive Functions
FIELD NAME
DESCRIPTION
tCode
This field carries the transaction code for this packet (tCode = Eh).
priority
This field carries the priority level for this packet.
Self-ID packet data
This field contains a concatenation of all the Self-ID packets received.
spd
This field indicates the speed at which this packet was sent (00 = 100 Mbits/s, 01 = 200 Mbits/s,
10 = 400 Mbits/s, and 11 is undefined).
ackSent
This field holds the acknowledge sent by the receiver for this packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59