Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB12C01A Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Fiches technique(HTML) 17 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments TSB12C01A Datasheet HTML 17Page - Texas Instruments TSB12C01A Datasheet HTML 18Page - Texas Instruments TSB12C01A Datasheet HTML 19Page - Texas Instruments TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
3–1
3 Internal Registers
3.1
General
The host-bus processor directs the operation of the TSB12C01A through a set of registers internal to the
TSB12C01A itself. These registers are read or written by asserting CS with the proper address on ADDR0
– ADDR7 and asserting or deasserting WR depending on whether a read or write is needed. Figure 3–1 lists
the register addresses; subsequent sections describe the function of the various registers.
3.2
Internal Register Definitions
The TSB12C01A internal registers control the operation of the TSB12C01A. The bit definitions of the internal
registers are shown in Figure 3–1 and are described in subsections 3.2.1 through 3.2.13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59