Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S207MB Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM8S207MB
Description  STM8S performance line revision X device limitations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MB Fiches technique(HTML) 5 Page - STMicroelectronics

  STM8S207MB Datasheet HTML 1Page - STMicroelectronics STM8S207MB Datasheet HTML 2Page - STMicroelectronics STM8S207MB Datasheet HTML 3Page - STMicroelectronics STM8S207MB Datasheet HTML 4Page - STMicroelectronics STM8S207MB Datasheet HTML 5Page - STMicroelectronics STM8S207MB Datasheet HTML 6Page - STMicroelectronics STM8S207MB Datasheet HTML 7Page - STMicroelectronics STM8S207MB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Errata sheet
Silicon limitations
5/8
2.4
UART PE flag cannot be cleared during reception of first half
of Stop bit
Description
When the UART is in reception mode and a parity error (PE) occurs, the PE flag is set by
hardware. This flag cannot be cleared during the first half of the Stop bit period. If software
tries to clear the PE flag at this time, the flag is set again by hardware, generating an
unwanted interrrupt if the PIEN bit is set in the UART_CR1 register.
Workaround
Disable PE interrupts and, after the RXNE bit is set, use polling to manage the PE flag. For
example, this could be done in the RXNE interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8