| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP8860ACPZ-R7 Fiches technique(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP8860ACPZ-R7 Fiches technique(HTML) 42 Page - Analog Devices |
|
42 / 52 page ![]() ADP8860 Rev. 0 | Page 42 of 52 DAC Code Linear Law (mA) Square Law1 (mA) 0x28 18.90 5.952 0x29 19.37 6.254 0x2A 19.84 6.562 0x2B 20.31 6.878 0x2C 20.79 7.202 0x2D 21.26 7.534 0x2E 21.73 7.872 0x2F 22.20 8.218 0x30 22.68 8.57 0x31 23.15 8.932 0x32 23.62 9.3 0x33 24.09 9.676 0x34 24.57 10.058 0x35 25.04 10.45 0x36 25.51 10.848 0x37 25.98 11.254 0x38 26.46 11.666 0x39 26.93 12.086 0x3A 27.40 12.514 0x3B 27.87 12.95 0x3C 28.35 13.392 0x3D 28.82 13.842 0x3E 29.29 14.3 0x3F 29.76 14.764 0x40 30.24 15.238 0x41 30.71 15.718 0x42 31.18 16.204 0x43 31.65 16.7 0x44 32.13 17.202 0x45 32.60 17.71 0x46 33.07 18.228 0x47 33.54 18.752 0x48 34.02 19.284 0x49 34.49 19.824 0x4A 34.96 20.37 0x4B 35.43 20.926 0x4C 35.91 21.486 0x4D 36.38 22.056 0x4E 36.85 22.632 0x4F 37.32 23.216 0x50 37.80 23.808 0x51 38.27 24.406 0x52 38.74 25.014 0x53 39.21 25.628 DAC Code Linear Law (mA) Square Law1 (mA) 0x54 39.69 26.248 0x55 40.16 26.878 0x56 40.63 27.514 0x57 41.10 28.156 0x58 41.57 28.808 0x59 42.05 29.466 0x5A 42.52 30.132 0x5B 42.99 30.806 0x5C 43.46 31.486 0x5D 43.94 32.174 0x5E 44.41 32.87 0x5F 44.88 33.574 0x60 45.35 34.284 0x61 45.83 35.002 0x62 46.30 35.726 0x63 46.77 36.46 0x64 47.24 37.2 0x65 47.72 37.948 0x66 48.19 38.702 0x67 48.66 39.466 0x68 49.13 40.236 0x69 49.61 41.014 0x6A 50.08 41.798 0x6B 50.55 42.59 0x6C 51.02 43.39 0x6D 51.50 44.198 0x6E 51.97 45.012 0x6F 52.44 45.834 0x70 52.91 46.664 0x71 53.39 47.5 0x72 53.86 48.346 0x73 54.33 49.198 0x74 54.80 50.056 0x75 55.28 50.924 0x76 55.75 51.798 0x77 56.22 52.68 0x78 56.69 53.568 0x79 57.17 54.464 0x7A 57.64 55.368 0x7B 58.11 56.28 0x7C 58.58 57.198 0x7D 59.06 58.126 0x7E 59.53 59.058 0x7F 60 60 1 Cubic 10 and Cubic 11 laws use the square law DAC setting but vary the time step per DAC code (see Figure 31). |