| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP8860ACBZ-R7 Fiches technique(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP8860ACBZ-R7 Fiches technique(HTML) 34 Page - Analog Devices |
|
34 / 52 page ![]() ADP8860 Rev. 0 | Page 34 of 52 DAC Code Linear Law (mA) Square Law1 (mA) 0x3E 14.646 7.150 0x3F 14.882 7.382 0x40 15.118 7.619 0x41 15.354 7.859 0x42 15.591 8.102 0x43 15.827 8.350 0x44 16.063 8.601 0x45 16.299 8.855 0x46 16.535 9.114 0x47 16.772 9.376 0x48 17.008 9.642 0x49 17.244 9.912 0x4A 17.480 10.185 0x4B 17.717 10.463 0x4C 17.953 10.743 0x4D 18.189 11.028 0x4E 18.425 11.316 0x4F 18.661 11.608 0x50 18.898 11.904 0x51 19.134 12.203 0x52 19.370 12.507 0x53 19.606 12.814 0x54 19.842 13.124 0x55 20.079 13.439 0x56 20.315 13.757 0x57 20.551 14.078 0x58 20.787 14.404 0x59 21.024 14.733 0x5A 21.260 15.066 0x5B 21.496 15.403 0x5C 21.732 15.743 0x5D 21.968 16.087 0x5E 22.205 16.435 DAC Code Linear Law (mA) Square Law1 (mA) 0x5F 22.441 16.787 0x60 22.677 17.142 0x61 22.913 17.501 0x62 23.150 17.863 0x63 23.386 18.230 0x64 23.622 18.600 0x65 23.858 18.974 0x66 24.094 19.351 0x67 24.331 19.733 0x68 24.567 20.118 0x69 24.803 20.507 0x6A 25.039 20.899 0x6B 25.276 21.295 0x6C 25.512 21.695 0x6D 25.748 22.099 0x6E 25.984 22.506 0x6F 26.220 22.917 0x70 26.457 23.332 0x71 26.693 23.750 0x72 26.929 24.173 0x73 27.165 24.599 0x74 27.402 25.028 0x75 27.638 25.462 0x76 27.874 25.899 0x77 28.110 26.340 0x78 28.346 26.784 0x79 28.583 27.232 0x7A 28.819 27.684 0x7B 29.055 28.140 0x7C 29.291 28.599 0x7D 29.528 29.063 0x7E 29.764 29.529 0x7F 30.000 30.000 1 Cubic 10 and Cubic 11 laws use the square law DAC setting but vary the time step per DAC code (see ). Figure 31 |