| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2206 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS2206 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 28 page ![]() TPS2206 DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER SLVS138B – MAY 1996 – REVISED JUNE 1998 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION DATA CLOCK LATCH Serial Interface OC Internal Current Monitor Controller Thermal Vpp1 Vpp2 VCC VCC VCC VCC Vpp1 12V 5V 12V 5V 5V 3.3V 3.3V 3.3V S6 S5 S4 S3 S2 S1 S12 S11 S10 S9 S8 S7 TPS2206 Card A Card B Vpp2 GND CS CS CS CS Supervisor RESET RESET CPU See Note A See Note A NOTE A: MOSFET switches S9 and S12 have a back-gate diode from the source to the drain. Unused switch inputs should never be grounded. Figure 32. Internal Switching Matrix |