| Moteur de recherche de fiches techniques de composants électroniques |
|
PCS3P73U00AG-08-TT Fiches technique(PDF) 8 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCS3P73U00AG-08-TT Fiches technique(HTML) 8 Page - PulseCore Semiconductor |
|
8 / 13 page ![]() March 2008 PCS3P73U00A rev 0.2 USB 2.0 Peak EMI reduction IC 8 of 13 Notice: The information in this document is subject to change without notice. Fig5: EMI Radiated Emission Test Circuit (requires USB PHY ASIC, not shown here) Fig6: Typical Application Circuit Switching Waveforms Duty Cycle Timing Output Rise/Fall Time XIN /CLKIN Xtal CL CL P C S 3 P 7 3 U 0 0 A XIN / CLKIN XOUT ModOUT USB ASIC XOUT t3 OUTPUT 0V t4 VDD 20% 80% 20% 80% t2 t1 VDD/2 VDD/2 VDD/2 OUTPUT |