Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCS3P73U00AG-08-TR Fiches technique(PDF) 12 Page - PulseCore Semiconductor

No de pièce PCS3P73U00AG-08-TR
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSECORE [PulseCore Semiconductor]
Site Internet  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-TR Fiches technique(HTML) 12 Page - PulseCore Semiconductor

Back Button PCS3P73U00AG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 10Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 11Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 12Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 13Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
March 2008
PCS3P73U00A
rev 0.2
USB 2.0 Peak EMI reduction IC
12 of 13
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Package
Temperature
PCS3P73U00AG-08-SR
3P73U00AG
8- Pin SOIC, Tape & Reel, Green
Commercial
PCS3P73U00AG -08-ST
3P73U00AG
8- Pin SOIC, Tube, Green
Commercial
PCS3P73U00AG -08-TR
3P73U00AG
8- Pin TSSOP, Tape & Reel, Green
Commercial
PCS3P73U00AG -08-TT
3P73U00AG
8- Pin TSSOP, Tube, Green
Commercial
PCS3P73U00AG -08-CR
AG1LL
8- Pin 2-mm TDFN, COL-Tape & Reel, Green
Commercial
LL = 2 Character LOT #
Device Ordering Information
PCS3P73U00AG-08-ST
O = TSOT23
U = MSOP
J=TSOT26
S = SOIC
E = TQFP
C=TDFN (2X2) COL
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13