| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM162LEUSF/T Fiches technique(PDF) 5 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM162LEUSF/T Fiches technique(HTML) 5 Page - PulseCore Semiconductor |
|
5 / 9 page ![]() April 2008 ASM161/ASM162 rev 1.5 µP Supervisory Circuit 5 of 9 Notice: The information in this document is subject to change without notice. Electrical Characteristics Unless otherwise noted, VCC is over the full range and TA = 0°c to 70°c for ASM161/162 X C and TA = -40°c to +85°c for ASM161/162 X E devices. Typical values at TA = 25°c, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices Parameter Symbol Conditions Min TYP Max Unit Input Voltage (VCC) Range VCC TA = 0°C to 70°C 1.1 5.5 V VCC < 5.5V L/M/J Supply Current (Unloaded) ICC VCC < 3.6V R/S/T 6 4.5 15 10 µA L Devices TA = 25°C Note 1 4.56 4.50 4.63 4.70 4.75 M devices TA = 25°C Note 1 4.31 4.25 4.38 4.45 4.50 J devices TA = 25°C Note 1 3.93 3.89 4.00 4.06 4.10 T devices TA = 25°C Note 1 3.04 3.00 3.08 3.11 3.15 S devices TA = 25°C Note 1 2.89 2.85 2.93 2.96 3.00 Reset Threshold VTH R devices TA = 25°C Note 1 2.59 2.55 2.63 2.66 2.70 V Reset Threshold Temp Coefficient TCVTH 30 ppm/ °C VCC to reset delay VCC = VTH to (VTH -100mV) 20 µS TA = 0°C to 70°C Reset Pulse Width tRPW TA = -40°C to 85°C 800 600 1400 2000 2240 ms MR Minimum Pulse Width tMR 10 µS MR Glitch Immunity 100 ns MR to RESET Propagation Delay 0.5 µS VIH 2.3 V VIL VCC > VTH(MAX), L/M/J devices 0.8 V VIH 0.7VCC V MR Input Threshold VIL VCC > VTH(MAX), R/S/T devices 0.25VCC V TA = 0°C to 70°C 48 85 122 MR Delay to MR Retrigger tMRD TA = -40°C to 85°C 85 µS MR pull-up resistance 10 20 30 K Ω VCC=VTH min., ISINK=1.2mA, ASM161 R/S/T 0.3 VCC=VTH min., ISINK=3.2mA, ASM161L/M/J 0.4 Low RESET output voltage (ASM161) VOL VCC > 1.1, ISINK = 50µA 0.3 V VCC=VTH max., ISINK=1.2mA, ASM162 R/S/T 0.3 RESET Output Voltage (ASM162) VOL VCC=VTH max., ISINK=3.2mA, ASM162 L/M/J 0.4 V HIGH RESET Output Voltage (ASM162) VOH 1.8<VCC<VTHmin., ISOURCE = 150 µA 0.8VCC V RESET Output Leakage Current (ASM161) ILKG VDRAIN < 6.0V, 0°C < TA < 70°C 1 µA Notes: 1. Over operating temperature range. |