Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM705EPAF Fiches technique(PDF) 6 Page - PulseCore Semiconductor

No de pièce ASM705EPAF
Description  Low Power 關P Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSECORE [PulseCore Semiconductor]
Site Internet  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM705EPAF Fiches technique(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM705EPAF Datasheet HTML 2Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 3Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 4Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 5Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 6Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 7Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 8Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 9Page - PulseCore Semiconductor ASM705EPAF Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ASM705/706/707/708
April 2008
ASM813L
rev 1.6
Low Power µP Supervisor Circuits
6 of 15
Notice: The information in this document is subject to change without notice.
Monitoring a Negative Voltage
The Power-Fail circuitry can also monitor a negative
supply rail. When the negative rail is OK, PFO will be
LOW, and when the negative rail is failing (not negative
enough), PFO goes HIGH (the opposite of when positive
voltages are monitored). To trigger a reset, these outputs
need to be inverted: adding the resistors and transistor as
shown achieves this. The RESET output will then have
the same sense as for positive voltages: good = HIGH,
bad = LOW. It should be noted that this circuit’s accuracy
depends on the VCC line, the PFI threshold tolerance, and
the resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15