| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM802LCSA Fiches technique(PDF) 8 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM802LCSA Fiches technique(HTML) 8 Page - PulseCore Semiconductor |
|
8 / 15 page ![]() ASM690A/692A ASM802L/802M April 2008 ASM805L rev 1.7 µP Power Supply Supervisor With Battery Backup Switch 8 of 15 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings Parameter Min Max Unit Pin Terminal Voltage with Respect to Ground VCC -0.3 6.0 V VBATT -0.3 6.0 V All other inputs 1 -0.3 VCC + 0.3 V Input Current at VCC 200 mA Input Current at VBATT 50 mA Input Current at GND 20 mA Output Current VOUT Short circuit protected All other inputs 20 mA Rate of Rise: VBATT and VCC 100 V/µs Continuous Power Dissipation Plastic DIP (derate 9mW/°C above 70°C) 800 mW SO (derate 5.9mW/°C above 70°C) 500 mW Operating Temperature Range (C Devices) 0 70 °C Operating Temperature Range (E Devices) -40 85 °C Storage Temperature Range -65 160 °C Lead Temperature (Soldering, 10 sec) 300 °C ESD rating HBM MM 1 100 KV V 1. The input voltage limits on PFI and WDI may be exceeded if the current is limited to less than 10mA Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability. |