| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM705EPA Fiches technique(PDF) 8 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM705EPA Fiches technique(HTML) 8 Page - PulseCore Semiconductor |
|
8 / 15 page ![]() ASM705/706/707/708 April 2008 ASM813L rev 1.6 Low Power µP Supervisor Circuits 8 of 15 Notice: The information in this document is subject to change without notice. Electrical Characteristics Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (ASM706P,ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J) Parameter SYMBOL Test Conditions Min TYP Max Unit ASM705/6/7/8C ASM813L Operating Voltage Range VCC ASM705/6/7/8E, ASM813E 1.2 1.1 1.2 5.5 5.5 5.5 V ASM705/706C/813LC ASM705E/706E/813LE ASM707C/708C Supply Current ICC ASM707E/708E 75 75 50 50 140 140 140 140 µA ASM705/707/813L, Note 1 RESET Threshold VRT ASM706/708 Note 1 4.50 4.25 4.65 4.40 4.75 4.50 V RESET Threshold Hysteresis Note 1 40 mV RESET Pulse Width tRS Note 1 140 200 280 ms MR Pulse Width tMR 0.15 µs MR to RESET Out Delay tMD Note 1 0.25 µs VIH MR Input Threshold VIL 2.0 0.8 V MR Pullup current MR = 0V 100 250 600 µA ISOURCE = 800µA ISINK = 3.2mA RESET Output Voltage ASM705/6/7/8, VCC = 1.2V, ISINK = 100µA VCC - 1.5 0.4 0.3 V ASM707/8/813L, ISOURCE = 800µA ASM707/8, ISINK = 1.2mA ASM813L, ISINK =3.2mA RESET Output Voltage ASM813L, VCC = 1.2V, ISOURCE = 4µA VCC - 1.5 0.9 0.4 0.4 V Watchdog Timeout Period tWD ASM705/6/813L 1.00 1.60 2.25 S WDI Pulse Width tWP VIL = 0.4V, VIH=0.8VCC, 50 ns VIH WDI Input Threshold VIL ASM705/706/813L, VCC = 5V 3.5 0.8 V ASM705/6/813L, WDI = VCC WDI Input Current ASM705/6/813L, WDI = 0V -150 50 -50 150 µA VOH ASM705/6/813L, ISOURCE = 800µA WDO Output Voltage VOL ASM705/6/813L, ISINK = 1.2mA VCC - 1.5 0.4 V PFI Input Threshold VCC = 5V 1.2 1.25 1.3 V PFI Input Current -25 0.01 25 nA VOH ISOURCE = 800µA PFO Output Voltage VOL ISINK = 3.2mA VCC - 1.5 0.4 V Notes 1: RESET (ASM705/6/7/8), RESET(ASM707/8, ASM813L) |