Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P2969AF-06OR Fiches technique(PDF) 6 Page - PulseCore Semiconductor

No de pièce ASM3P2969AF-06OR
Description  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSECORE [PulseCore Semiconductor]
Site Internet  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2969AF-06OR Fiches technique(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM3P2969AF-06OR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 9Page - PulseCore Semiconductor ASM3P2969AF-06OR Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
January 2007
ASM3P2969A
rev 1.7
Low Power Peak EMI Reducing Solution
6 of 12
Notice: The information in this document is subject to change without notice.
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
8.000MHz
Frequency tolerance
± 50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25
Ω
R1 = 510Ω
C1 = 27 pF
C2 = 27 pF
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12