Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P622S00AG-08-TR Fiches technique(PDF) 12 Page - PulseCore Semiconductor

No de pièce ASM3P622S00AG-08-TR
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSECORE [PulseCore Semiconductor]
Site Internet  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S00AG-08-TR Fiches technique(HTML) 12 Page - PulseCore Semiconductor

Back Button ASM3P622S00AG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 10Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 11Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 12Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 13Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 14Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 15Page - PulseCore Semiconductor ASM3P622S00AG-08-TR Datasheet HTML 16Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
12 of 16
Notice: The information in this document is subject to change without notice.
16-lead TSSOP (4.40-MM Body)
E
H
D
A
A1
B
e
θ
L
C
A2
PIN 1 ID
1
8
9
16
Seating Plane
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.041
0.80
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
0.201
4.90
5.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.030
0.50
0.75
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16