Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P622S00AG-08-ST Fiches technique(PDF) 15 Page - PulseCore Semiconductor

No de pièce ASM3P622S00AG-08-ST
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSECORE [PulseCore Semiconductor]
Site Internet  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S00AG-08-ST Fiches technique(HTML) 15 Page - PulseCore Semiconductor

Back Button ASM3P622S00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 10Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 11Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 12Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 13Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 14Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 15Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 16Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
15 of 16
Notice: The information in this document is subject to change without notice.
Ordering Codes (cont’d )
Device Ordering Information
ASM3P622S00BF-08-TR
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Ordering Code
Marking
Package Type
Temperature
ASM3I622S00EG-16-SR
3I622S00EG
16-pin 150-mil SOIC-TAPE & REEL, Green
Industrial
ASM3P622S00EG-16-TT
3P622S00EG
16-pin 4.4-mm TSSOP - TUBE, Green
Commercial
ASM3I622S00EG-16-TT
3I622S00EG
16-pin 4.4-mm TSSOP - TUBE, Green
Industrial
ASM3P622S00EG-16-TR
3P622S00EG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Commercial
ASM3I622S00EG-16-TR
3I622S00EG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Industrial
ASM3P622S00KG-16-ST
3P622S00KG
16-pin 150-mil SOIC-TUBE, Green
Commercial
ASM3I622S00KG-16-ST
3I622S00KG
16-pin 150-mil SOIC-TUBE, Green
Industrial
ASM3P622S00KG-16-SR
3P622S00KG
16-pin 150-mil SOIC-TAPE & REEL, Green
Commercial
ASM3I622S00KG-16-SR
3I622S00KG
16-pin 150-mil SOIC-TAPE & REEL, Green
Industrial
ASM3P622S00KG-16-TT
3P622S00KG
16-pin 4.4-mm TSSOP - TUBE, Green
Commercial
ASM3I622S00KG-16-TT
3I622S00KG
16-pin 4.4-mm TSSOP - TUBE, Green
Industrial
ASM3P622S00KG-16-TR
3P622S00KG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Commercial
ASM3I622S00KG-16-TR
3I622S00KG
16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Industrial
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16