| Moteur de recherche de fiches techniques de composants électroniques |
|
ASM3P623S01C Fiches technique(PDF) 10 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P623S01C Fiches technique(HTML) 10 Page - PulseCore Semiconductor |
|
10 / 12 page ![]() May 2007 ASM3P623S01B/C/J rev 0.4 Timing-Safe™ Peak EMI Reduction IC 10 of 12 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Temperature ASM3P623S01BF-08-ST 3P623S01BF 8-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3I623S01BF-08-ST 3I623S01BF 8-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3P623S01BF-08-SR 3P623S01BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S01BF-08-SR 3I623S01BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S01BF-08-TT 3P623S01BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S01BF-08-TT 3I623S01BF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S01BF-08-TR 3P623S01BF 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S01BF-08-TR 3I623S01BF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S01BG-08-ST 3P623S01BG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S01BG-08-ST 3I623S01BG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S01BG-08-SR 3P623S01BG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S01BG-08-SR 3I623S01BG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S01BG-08-TT 3P623S01BG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S01BG-08-TT 3I623S01BG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S01BG-08-TR 3P623S01BG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S01BG-08-TR 3I623S01BG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S01CF-08-ST 3P623S01CF 8-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3I623S01CF-08-ST 3I623S01CF 8-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3P623S01CF-08-SR 3P623S01CF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S01CF-08-SR 3I623S01CF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S01CF-08-TT 3P623S01CF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S01CF-08-TT 3I623S01CF 8-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S01CF-08-TR 3P623S01CF 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S01CF-08-TR 3I623S01CF 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S01CG-08-ST 3P623S01CG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S01CG-08-ST 3I623S01CG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S01CG-08-SR 3P623S01CG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S01CG-08-SR 3I623S01CG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S01CG-08-TT 3P623S01CG 8-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S01CG-08-TT 3I623S01CG 8-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S01CG-08-TR 3P623S01CG 8- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S01CG-08-TR 3I623S01CG 8-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S01JF-08-ST 3P623S01JF 8-pin 150-mil SOIC- TUBE, Pb Free Commercial |