| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2201APJD Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2201APJD Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 19 page ![]() TNETE2201A 1.25-GIGABIT ETHERNET TRANSCEIVER SLLS342 – MARCH 1999 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION PJD (S-PQFP-G64) PowerPAD ™ PLASTIC QUAD FLATPACK (DIE DOWN) Thermal Pad (See Note D) 0,13 NOM 0,25 0,45 0,75 Seating Plane 4147703/A 12/97 Gage Plane 0,17 0,27 33 16 48 1 7,50 TYP 49 64 SQ 9,80 1,05 0,95 11,80 12,20 1,20 MAX 10,20 SQ 17 32 0,08 0,50 M 0,08 0 °–7° 0,15 0,05 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions include mold flash or protrusions. D. The package thermal performance may be enhanced by attaching an external heat sink to the thermal pad. This pad is electrically and thermally connected to the backside of the die and possibly selected leads. E. Falls within JEDEC MS-026 PowerPAD is a trademark of Texas Instruments Incorporated. |