Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1306B Fiches technique(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce 2SA1306B
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1306B Fiches technique(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1306B Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1306B Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1306B Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SA1306 2SA1306A 2SA1306B
DESCRIPTION
・
・With TO-220Fa package
・Complement to type
2SC3298,2SC3298A,2SC3298B
APPLICATIONS
・Power amplifier applications
・Driver stage amplifier applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SA1306
-160
2SA1306A
-180
VCBO
Collector-base voltage
2SA1306B
Open emitter
-200
V
2SA1306
-160
2SA1306A
-180
VCEO
Collector-emitter voltage
2SA1306B
Open base
-200
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-1.5
A
IB
Base current
-0.15
A
PC
Collector power dissipation
TC=25℃
20
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
JMnic


Numéro de pièce similaire - 2SA1306B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
2SA1306B MOTOROLA-2SA1306B Datasheet
397Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2SA1306B SAVANTIC-2SA1306B Datasheet
116Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1306B NJSEMI-2SA1306B Datasheet
182Kb / 2P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1306B ISC-2SA1306B Datasheet
343Kb / 2P
isc Silicon PNP Power Transistor
More results

Description similaire - 2SA1306B

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com