| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS77C82 Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 49 page ![]() TMS370Cx0x 8-BIT MICROCONTROLLER SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 34 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 device part numbers Table 16 provides all of the ’x0x devices available. The device part number nomenclature is designed to assist ordering. Upon ordering, the customer must specify not only the device part number, but also the clock and watchdog timer options desired. Each device can have only one of the three possible watchdog timer options and one of the two clock options. The options to be specified pertain solely to orders involving ROM devices. Table 16. Device Part Numbers DEVICE PART NUMBERS FOR 28 PINS (LCC) TMS370C002AFNA TMS370C002AFNL TMS370C002AFNT TMS370C302AFNA TMS370C302AFNL TMS370C302AFNT TMS370C702FNT SE370C702FZT† † System evaluators are for use in prototype environment and their reliability has not been characterized. |