| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320F241FN Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F241FN Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 116 page ![]() TMS320F243, TMS320F241 DSP CONTROLLERS SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999 24 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 description of shared I/O pins (continued) Primary Function Pin (Read/Write) IOP Data Bit In Out 0 = Input 1 = Output 01 MUX Control Bit 0 = I/O Function 1 = Primary Function IOP DIR Bit Primary Function or I/O Pin When the MUX control bit = 1, the primary function is selected in all cases except for the following pins: 1. XF/IOPC0 (0 = Primary Function) 2. BIO/IOPC1 (0 = Primary Function) 3. CLKOUT/IOPD0 (0 = Primary Function) Note: Figure 4. Shared Pin Configuration A summary of shared pin configurations and associated bits is shown in Table 8. |