| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE2072AIP Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072AIP Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 34 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2072M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2072M TLE2072AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT ICC Supply current VO = 0 No load 25 °C 2.7 3.1 3.6 2.7 3.1 3.6 mA ICC y (both channels) VO = 0, No load Full range 3.6 3.6 mA ax Crosstalk attenuation VIC = 0, RL = 2 kΩ 25 °C 120 120 dB IOS Short-circuit output VO =0 VID = 1 V 25 °C –30 –45 –30 –45 mA IOS current VO = 0 VID = – 1 V 25 °C 30 48 30 48 mA † Full range is – 55 °C to 125°C. TLE2072M operating characteristics at specified free-air temperature, VCC± = ±15 V PARAMETER TEST CONDITIONS T † TLE2072M TLE2072AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 28 40 28 40 SR + Positive slew rate VO(PP) = 10 V, AVD = – 1, RL 2kΩ CL 100 pF Full range 20 20 V/ µs RL = 2 kΩ, CL = 100 pF, See Figure 1 25 °C 30 45 30 45 SR – Negative slew rate See Figure 1 Full range 20 20 V/ µs t Settling time AVD = – 1, 10-V step, To 10 mV 25 °C 0.4 0.4 µs ts Settling time , RL = 1 kΩ, CL = 100 pF To 1 mV 25 °C 1.5 1.5 µs V Equivalent input noise f = 10 Hz 25 °C 28 55∗ 28 55∗ nV/ √Hz Vn q voltage f = 10 kHz 25 °C 11.6 17∗ 11.6 17∗ nV/ √Hz RS = 20 Ω, f = 10 Hz to 6 6 VN(PP) Peak-to-peak equivalent input S See Figure 3 10 kHz 25 °C 6 6 µV VN(PP) equivalent input noise voltage f = 0.1 Hz to 25 °C 06 06 µV noise voltage 10 Hz 0.6 0.6 In Equivalent input noise current VIC = 0, f = 10 kHz 25 °C 2.8 2.8 fA / √Hz THD+N Total harmonic VO(PP) = 20 V, AVD = 10, f 1 kHz RL 2kΩ 25 °C 0 008% 0 008% THD + N distortion plus noise f = 1 kHz, RL = 2 kΩ, RS = 25 Ω 25 °C 0.008% 0.008% B1 Unity gain bandwidth VI = 10 mV, RL = 2 kΩ, 25 °C 8∗ 10 8∗ 10 MHz B1 Unity-gain bandwidth I , L , CL = 25 pF, See Figure 2 25 °C 8∗ 10 8∗ 10 MHz BOM Maximum output swing VO(PP) = 20 V, AVD = – 1, 25 °C 478∗ 637 478∗ 637 kHz BOM output-swing bandwidth O(PP) , VD , RL = 2 kΩ,CL = 25 pF 25 °C 478∗ 637 478∗ 637 kHz φ Phase margin at unity VI = 10 mV, RL = 2 kΩ, 25 °C 57 ° 57 ° φm gy gain IL CL = 25 pF, See Figure 2 25 °C 57 ° 57 ° ∗On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C. |