| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE2072ACP Fiches technique(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072ACP Fiches technique(HTML) 60 Page - Texas Instruments |
|
60 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 60 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 38 TA – Free-Air Temperature – °C 3 2.9 2.7 2.6 2.5 3.4 2.8 –75 –55 –35 –15 5 25 45 3.2 3.1 3.3 3.5 65 85 105 125 VIC = 0 VO = 0 No Load VCC ± = ±15 V VCC ± = ±5 V TLE2072 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE Figure 39 TA – Free-Air Temperature – °C 7 5 6 – 75 – 55 – 35 – 15 5 25 45 8 9 10 65 85 105 125 VIC = 0 VO = 0 No Load VCC ± = ±15 V VCC ± = ±5 V TLE2074 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE Figure 40 VID – Differential Input Voltage – V – 0.5 – 0.25 0 0.25 0.5 0 6 8 10 12 VCC + = 5 V VCC – = 0 VIC = 4.5 V TA = 25°C Open Loop No Load 4 2 TLE2071 SUPPLY CURRENT vs DIFFERENTIAL INPUT VOLTAGE Figure 41 VID – Differential Input Voltage – V – 0.5 – 0.25 0 0.25 0.5 0 6 8 10 12 14 VCC + = 5 V VCC – = 0 VIC = 4.5 V TA = 25°C Open Loop No Load 4 2 TLE2072 SUPPLY CURRENT vs DIFFERENTIAL INPUT VOLTAGE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |