| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC080CDGNRG4 Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC080CDGNRG4 Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 47 page ![]() TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254E − JUNE 1999 − REVISED APRIL 2006 12 WWW.TI.COM TYPICAL CHARACTERISTICS Figure 1 INPUT OFFSET VOLTAGE vs COMMON-MODE INPUT VOLTAGE 0 −200 −400 −600 0.0 0.5 1.0 1.5 2.0 2.5 3.0 200 400 600 800 1000 3.5 4.0 4.5 5.0 VICR − Common-Mode Input Voltage − V VDD = 5 V TA = 25° C Figure 2 INPUT OFFSET VOLTAGE vs COMMON-MODE INPUT VOLTAGE 300 100 −100 −300 −500 01 2 3 4 5 6 500 700 900 1100 1500 1300 78 9 10 11 12 VICR − Common-Mode Input Voltage − V VDD = 12 V TA = 25° C Figure 3 INPUT BIAS CURRENT AND INPUT OFFSET CURRENT vs FREE-AIR TEMPERATURE −100 −55 −40 50 200 −10 5 TA − Free−Air Temperature − °C 150 100 −50 −25 20 35 50 IIB VDD = 5 V 65 80 95 110 125 250 300 IIO 0 Figure 4 INPUT BIAS CURRENT AND INPUT OFFSET CURRENT vs FREE-AIR TEMPERATURE −120 −55 −40 −80 −20 −10 5 TA − Free-Air Temperature − °C IIO −40 −60 −100 −25 −140 −160 20 35 50 IIB VDD = 12 V 65 80 95 110 125 0 20 Figure 5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 5 10 15 20 25 30 35 40 45 50 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT IOH - High-Level Output Current - mA VDD = 5 V TA = 125°C TA = 70°C TA = 25°C TA = −40°C Figure 6 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 5 10 15 20 25 30 35 40 45 50 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT IOL - Low-Level Output Current - mA TA = 125°C TA = 70°C TA = 25°C TA = −40°C VDD = 5 V Figure 7 9.0 9.5 10.0 10.5 11.0 11.5 12.0 0 5 10 15 20 25 30 35 40 45 50 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT IOH - High-Level Output Current - mA TA = 125°C TA = 70°C TA = 25°C TA = −40°C VDD = 12 V Figure 8 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 5 10 15 20 25 30 35 40 45 50 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT IOL - Low-Level Output Current - mA TA = 125°C TA = 25°C TA = −40°C VDD = 12 V TA = 70°C Figure 9 OUTPUT IMPEDANCE vs FREQUENCY f - Frequency - Hz 100k 1000 1M 10M 10k 100 1k 100 10 1 0.10 0.01 AV = 100 AV = 10 AV = 1 VDD = 5 V and 12 V TA = 25°C |