| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC070AIPE4 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC070AIPE4 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 48 page ![]() TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006 16 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 TYPICAL CHARACTERISTICS Figure 34 t − Time − µs 0 0.2 0.4 0.6 0.8 1 1.2 LARGE SIGNAL INVERTING PULSE RESPONSE 1.4 1.6 1.8 2 VI (2 V/div) VO (500 mV/Div) VDD = 5 V RL = 600 Ω and 10 k Ω CL = 8 pF TA = 25°C Figure 35 t − Time − µs 0 0.2 0.4 0.6 0.8 1 1.2 LARGE SIGNAL INVERTING PULSE RESPONSE 1.4 1.6 1.8 2 VI (5 V/div) VO (2 V/Div) VDD = 12 V RL = 600 Ω and 10 k Ω CL = 8 pF TA = 25°C Figure 36 t − Time − µs 0 0.1 0.2 0.3 0.4 0.5 0.6 SMALL SIGNAL INVERTING PULSE RESPONSE 0.7 0.8 0.9 1 VI (100 mV/div) VO (50 mV/Div) VDD = 5 & 12 V RL = 600 Ω and 10 kΩ CL = 8 pF TA = 25°C Figure 37 20 40 60 80 100 120 140 SHUTDOWN FORWARD ISOLATION vs FREQUENCY f - Frequency - Hz 100k 1M 10M 10k 100 1k 100M VDD = 5 V CL= 0 pF TA = 25°C VI(PP) = 0.1, 2.5, and 5 V RL = 600 Ω RL = 10 kΩ Figure 38 20 40 60 80 100 120 140 SHUTDOWN FORWARD ISOLATION vs FREQUENCY f - Frequency - Hz 100k 1M 10M 10k 100 1k 100M VDD = 12 V CL= 0 pF TA = 25°C VI(PP) = 0.1, 8, and 12 V RL = 600 Ω RL = 10 kΩ Figure 39 20 40 60 80 100 120 140 SHUTDOWN REVERSE ISOLATION vs FREQUENCY f - Frequency - Hz 100k 1M 10M 10k 100 1k 100M RL = 600 Ω RL = 10 kΩ VDD = 5 V CL= 0 pF TA = 25°C VI(PP) = 0.1, 2.5, and 5 V Figure 40 20 40 60 80 100 120 140 SHUTDOWN REVERSE ISOLATION vs FREQUENCY f - Frequency - Hz 100k 1M 10M 10k 100 1k 100M VDD = 12 V CL= 0 pF TA = 25°C VI(PP) = 0.1, 8, and 12 V RL = 600 Ω RL = 10 kΩ Figure 41 118 120 122 124 126 128 130 132 134 136 456789 10 11 12 13 14 15 16 SHUTDOWN SUPPLY CURRENT vs SUPPLY VOLTAGE VDD - Supply Voltage - V Shutdown On RL = open VIN = VDD/2 Figure 42 60 80 100 120 140 160 180 −55 −25 5 35 65 95 125 SHUTDOWN SUPPLY CURRENT vs FREE-AIR TEMPERATURE TA - Free-Air Temperature - °C VDD = 12 V AV = 1 VIN = VDD/2 VDD = 5 V |