| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC320AC01C Fiches technique(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC320AC01C Fiches technique(HTML) 81 Page - Texas Instruments |
|
81 / 90 page ![]() D–1 Appendix D Multiple TLC320AC01/02 Analog Interface Circuits on One TMS320C5X DSP Serial Port In many applications, digital signal processors (DSP) must obtain information from multiple analog-to-digital (A/D) channels and transmit digital data to multiple digital-to-analog (D/A) conversion channels. The problem is how to do it easily and efficiently. This application report addresses the issue of connecting two channels of an analog interface circuit (AIC) to one TMS320C5X DSP serial port. In this application report, the AIC is the TLC320AC01. The TLC320AC01 (and TLC320AC02) analog interface circuit contains both A/D and D/A converters and using the master/slave mode, it is possible to connect two of them to one TMS320C5X DSP serial port with no additional logic. The hardware schematic is shown in Figure D–1. |