| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC2943 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2943 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 27 page ![]() TLC2943 HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK SLAS249 – NOVEMBER 1999 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Using the lag-lead filter in Figure 19(b) and divider N value, the transfer function for phase and frequency are shown in equations 4 and 5. Note that the transfer function for phase differs from the transfer function for frequency by only the divider N value. The difference arises from the fact that the feedback for phase is unity, while the feedback for frequency is 1/N. Hence, the transfer function of Figure 19(a) for phase is F2(s) F1(s) + Kp K V N (T1 ) T2) 1 ) s T2 s2 ) s 1 ) Kp KV T2 N (T1 )T2) ) Kp KV N (T1 )T2) (4) and the transfer function for frequency is F OUT(s) F REF(s) + Kp K V (T1 ) T2) 1 ) s T2 s2 ) s 1 ) Kp KV T2 N (T1 )T2) ) Kp KV N (T1 )T2) (5) The standard 2-pole denominator is D = s2 + 2 ζ ωn s + ωn2 and comparing the coefficients of the denominator of equation (4) and (5) with the standard 2-pole denominator gives the following results. wn + Kp K V N (T1 ) T2) Solving for T1 + T2 T1 ) T2 + Kp K V N w 2 n (6) and by using this value for T1 + T2 in equation (6) the damping factor is z + wn 2 T2 ) N Kp K V solving for T2 T2 + 2 z w – N Kp K V then by substituting for T2 in equation (6) T1 + K V Kp N w 2 n – 2 z w n ) N Kp K V (7) (8) (9) |