| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27L2ACD Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2ACD Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 33 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS ™ PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 18 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT VDD = 4 V VDD = 3 V TA = 25°C VIC = 0.5 V VID = – 1 V 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 7 6 5 4 3 2 1 0 8 1 IOL – Low-Level Output Current – mA 0 VDD = 5 V Figure 19 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT VDD = 16 V VDD = 10 V VID = – 1 V VIC = 0.5 V TA = 25°C 2.5 2 1.5 1 0.5 25 20 15 10 5 0 30 3 IOL – Low-Level Output Current – mA 0 Figure 20 0 VDD – Supply Voltage – V 2000 16 0 2 4 6 8 10 12 14 200 400 600 800 1000 1200 1400 1600 1800 RL = 1 MΩ TA = – 55°C –40 °C TA = 0°C 70 °C 85 °C 125 °C LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs SUPPLY VOLTAGE 25 °C Figure 21 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs FREE-AIR TEMPERATURE 100 75 50 25 0 –25 –50 0 125 TA – Free-Air Temperature – °C –75 RL = 1 MΩ VDD = 5 V VDD = 10 V 1800 1600 1400 1200 1000 800 600 400 200 2000 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |