| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC2272AMD Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2272AMD Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS COMMON-MODE REJECTION RATIO vs FREQUENCY 60 40 20 0 10 100 1 k 10 k 80 100 100 k 1 M f − Frequency − Hz VDD = ± 5 V VDD = 5 V 10 M TA = 25°C Figure 31 TA − Free-Air Temperature − °C COMMON-MODE REJECTION RATIO vs FREE-AIR TEMPERATURE 82 78 74 70 86 90 − 75 − 50 − 25 0 25 50 75 100 125 VDD = ± 5 V VDD = 5 V VIC = 0 V to 2.7 V VIC = − 5 V to 2.7 V Figure 32 40 20 0 10 100 1 k 60 80 f − Frequency − Hz 100 10 k 100 k 1 M 10 M SUPPLY-VOLTAGE REJECTION RATIO vs FREQUENCY VDD = 5 V TA = 25°C kSVR+ kSVR − −20 Figure 33 40 20 0 10 100 1 k 60 80 f − Frequency − Hz 100 10 k 100 k 1 M 10 M SUPPLY-VOLTAGE REJECTION RATIO vs FREQUENCY VDD = ± 5 V TA = 25°C kSVR+ kSVR − −20 Figure 34 |