Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL33072PR Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TL33072PR
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL33072PR Fiches technique(HTML) 2 Page - Texas Instruments

  TL33072PR Datasheet HTML 1Page - Texas Instruments TL33072PR Datasheet HTML 2Page - Texas Instruments TL33072PR Datasheet HTML 3Page - Texas Instruments TL33072PR Datasheet HTML 4Page - Texas Instruments TL33072PR Datasheet HTML 5Page - Texas Instruments TL33072PR Datasheet HTML 6Page - Texas Instruments TL33072PR Datasheet HTML 7Page - Texas Instruments TL33072PR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLOS097C – MARCH 1991 – REVISED AUGUST 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
Quality, low cost, bipolar fabrication with innovative design concepts are employed for the TL33071/2/4,
TL34071/2/4, and TL35071/2/4 series of monolithic operational amplifiers. This series of operational amplifiers
offers 4.5 MHz of gain bandwidth product, 13 V/
µs slew rate, and fast settling time without the use of JFET device
technology. Although this series can be operated from split supplies, it is particularly suited for single-supply
operation since the common-mode input voltage range includes ground potential (VCC–). With a Darlington
transistor input stage, this series exhibits high input resistance, low input offset voltage, and high gain. The
all-npn output stage, characterized by no dead-band crossover distortion and large output voltage swing,
provides high-capacitance drive capability, excellent phase and gain margins, low open-loop high-frequency
output impedance, and symmetrical source/sink ac frequency response.
The TL34071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are specified
over the commercial (0
°C to 70°C) temperature range. The TL33071/2/4 devices are available in standard or
prime performance (A-suffix) grades and are specified over industrial/vehicular (– 40
°C to 105°C) temperature
range. The TL35071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are
specified over the military (– 55
°C to 125°C) temperature range. These low-cost amplifiers are available in
single, dual, and quad configurations and are pin compatible with the MC33071/2/4, MC34071/2/4, and
MC35071/2/4 series of amplifiers. Packaging options include standard plastic DIP and SO packages.
symbol
+
–
+
–
OFFSET N1
IN +
IN –
OFFSET N2
OUT
Single
OUT
IN +
IN –
Dual and Quad
(per amplifier)



Html Pages

1 2 3 4 5 6 7 8