| Moteur de recherche de fiches techniques de composants électroniques |
|
TL431 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 41 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543H − AUGUST 2004 − REVISED JANUARY 2005 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN MAX UNIT VKA Cathode voltage Vref 36 V IKA Cathode current 1 100 mA TL43xxC 0 70 TA Operating free-air temperature range TL43xxI −40 85 °C TA Operating free-air temperature range TL43xxQ −40 125 C |