Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2746 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2746
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2746 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2746 Datasheet HTML 1Page - KR Electronics, Inc. 2746 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 157.500 000 MHz
SPAN 55.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
Cor
PRm
11 Dec 2006 11:04:13
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 157.500 000 MHz
SPAN 300.000 000 MHz
Cor
PRm
11 Dec 2006 10:58:22
KR Electronics
KR 2746 is a 157.5 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 55 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• 50 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2746

FabricantNo de pièceFiches techniqueDescription
logo
Multicomp Pro
2746 MULTICOMP-2746 Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
logo
Presto International UK...
27460 PRESTO-27460 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
27460101 PHOENIX-27460101 Datasheet
284Kb / 8P
PCB terminal block - FFKDSA1/V-2,54- 2
27460101 PHOENIX-27460101 Datasheet
213Kb / 6P
PCB terminal block - PT 2,5/ 4-7,5-H
27460101 PHOENIX-27460101 Datasheet
196Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
More results

Description similaire - 2746

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com