Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2703 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2703
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2703 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2703 Datasheet HTML 1Page - KR Electronics, Inc. 2703 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 80.000 000 MHz
SPAN 26.000 000 MHz
PRm
CH2
S 21
delay
REF 30 ns
20 ns/
Cor
PRm
15 Jul 2006 12:06:05
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 80.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
15 Jul 2006 12:04:18
KR 2703 Bandpass Filter
KR 2703 is a 80 MHz surface mount bandpass filter. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
• Surface Mount Package
• Sharp Transition to Stopband
• >40 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2703

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2703 HEYCO-2703 Datasheet
105Kb / 1P
Dome Plugs
logo
Samsung semiconductor
2703-001070 SAMSUNG-2703-001070 Datasheet
1Mb / 43P
Color Monitor
September 1999
2703-001334 SAMSUNG-2703-001334 Datasheet
1Mb / 43P
Color Monitor
September 1999
2703-001778 SAMSUNG-2703-001778 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
PHOENIX CONTACT
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results

Description similaire - 2703

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com