Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2701 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2701
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2701 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2701 Datasheet HTML 1Page - KR Electronics, Inc. 2701 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
KR Electronics
KR 2701 is a 52.5 MHz , 11th order Bessel lowpass filter. Other
passband frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 52.5 MHz 3 dB frequency
• 11th Order Bessel Response
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S 21
log MAG
10 dB/
REF .000 dB
START
1.000 000 MHz
STOP 250.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 11.5 ns
500 ps/
Cor
Smo
PRm
14 Jul 2006 14:31:03
1
2
CH1
S 21
log MAG
10 dB/
REF .000 dB
START
.030 000 MHz
STOP 500.000 000 MHz
Cor
PRm
14 Jul 2006 14:32:16
Passband Amplitude & Group Delay
(10 dB/div and 0.5 nsec/div)
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2701

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2701 HEYCO-2701 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Toshiba Semiconductor
2701-000112 TOSHIBA-2701-000112 Datasheet
5Mb / 70P
COLOUR TELEVISION
2701-000114 TOSHIBA-2701-000114 Datasheet
5Mb / 70P
COLOUR TELEVISION
2701-000115 TOSHIBA-2701-000115 Datasheet
5Mb / 70P
COLOUR TELEVISION
2701-000159 TOSHIBA-2701-000159 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Description similaire - 2701

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com