Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

482 Fiches technique(PDF) 2 Page - Mallory performance club

No de pièce 482
Description  ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MALLORY [Mallory performance club]
Site Internet  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

482 Fiches technique(HTML) 2 Page - Mallory performance club

  482 Datasheet HTML 1Page - Mallory performance club 482 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Step 7
Put the distributor gasket in place (if one is used).
Place the distributor in the engine with the rotor
pointing in the same general direction as the original
distributor. Put the distributor hold down clamp in
place and tighten slightly.
Step 8
Turn the engine crankshaft in the direction of rotation
two full turns until the timing mark lines up (again)
with the TDC mark on the timing tab. Remove the
distributor hold down clamp and remove the distri-
butor from the engine.
Step 9
Check the mating pattern on the distributor drive gear.
The mating pattern centerline must be within 1/16”
(0.0625”) of the gear tooth’s centerline (figure 3).
Step 10
If the mating pattern centerline is above the gear
tooth’s centerline or more than 1/16” below the gear
tooth’s centerline, loosen the flange screw, move the
flange, tighten the flange screw and repeat steps 6-9.
Step 11
Clean off the gear marking compound on the distri
butor drive gear. Tighten the set screws. Put a small
amount of RTV silicone on the bottom of the flange at
the split (figure 4) to prevent oil and vapors (blow-by)
from leaking. Proceed to the distributor instructions.
MALLORY IGNITION
550 MALLORY WAY, CARSON CITY, NV 89701
2
Step 4
Place the distributor in the engine with the rotor
pointing in the same general direction as the original
distributor. It is not necessary to have the distributor
gasket in place at this time.
NOTE: The distributor shaft tongue must be
fully engaged into the oil pump drive. It may be
necessary to turn the oil pump drive, or turn the
engine crankshaft in the direction of rotation two
full turns until the timing mark lines up (again)
with the TDC mark on the timing tab, to allow the
distributor shaft tongue to fully engage into the oil
pump drive.
Step 5
Lift the distributor 0.010-0.030”. Slide the flange down
to rest on the intake manifold. Tighten the flange
screw. Remove the distributor from the engine.
Step 6
Coat the teeth of the distributor drive gear with gear
marking compound (White Lead; High Spot Blue™;
Prussian Blue™). Camshaft/moly lube may be used
instead of gear marking compound.
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NEVADA 89701
(775) 882-6600
FAX (775) 887-4377
www.mrgasket.com
FORM 1316
(REV. C) 06/03
Made in U.S.A.
Printed in U.S.A.
FIGURE 3
FIGURE 4



Html Pages

1 2