Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2544 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2544
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2544 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2544 Datasheet HTML 1Page - KR Electronics, Inc. 2544 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 65.000 000 MHz
SPAN 10.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 100 ns
20 ns/
Cor
PRm
4 Jun 2004 12:10:36
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 65.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
4 Jun 2004 12:11:18
KR 2544 65 MHz Bandpass Filter
KR 2544 is a 65 MHz bandpass filter. The filter has a
3 dB bandwidth of 10 MHz and is designed for 50
Ω source and
load impedance. Other center frequencies and bandwidths are
available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 65 MHz Bandpass
• 50 Ω
• SMA Connectors
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2544

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
Heyco.
2544 HEYCO-2544 Datasheet
132Kb / 1P
Break-Away Bumpers
2544 HEYCO-2544 Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Mascot AS
2544 MASCOT-2544 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Alpha Wire
25440-15 ALPHAWIRE-25440-15 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
More results

Description similaire - 2544

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com